Part Number Hot Search : 
1N474 7N60K 62LV256 03203 IDT74 MX315 MA4ST554 EG21SR
Product Description
Full Text Search
 

To Download 1N5234B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
1N5221B~1N5267B
SILICON ZENER DIODES
VOLTAGE
2.4 to 75 Volts
POWER
500 mWatts
FEATURES
* Planar Die construction * 500mW Power Dissipation * Ideally Suited for Automated Assembly Processes * Pb free product : Sn can meet RoHS environment substance directive request
MECHANICAL DATA
* Case: Molded Glass DO-35 * Terminals: Solderable per MIL-STD-750, Method 2026 * Polarity: See Diagram Below * Approx. Weight: 0.13 grams * Mounting Position: Any * Ordering information: Suffix : " -35 " to order DO-35 Package * Packing information B - 2K per Bulk box
T/R - 10K per 13" plastic Reel T/B - 5K per horiz. tape & Ammo box
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
P ar m et r a e P ow erD i si aton atTam b = 25 spi Juncton Tem per t r i aue S t r ge Tem per t r R ange oa aue Vald pr vi ed t atl ads ata di t nce of8m m fom case ar keptatam bi ntt m per t r . i od he sa r e ee aue
O
S ym bol
Val e u 500 175 - 5 t +175 6o
U nis t mW
O
C
PTO T TJ TS
C C
O
Parameter Thermal Resi stance Juncti on to Ambi ent Ai r Forward Voltage at IF = 200mA
Symbol
Mi n. ---
Typ.
Max. 0.3* 1.1
Uni ts K/mW V
RJA VF
---
Vali d provi ded that leads at a di stance of 10 mm from case are kept at ambi ent temperature.
STAD-NOV.08.2006
PAGE . 1
N ominal Zener Voltage Part N umber No m. V 1N5221B 1N5222B 1N5223B 1N5224B 1N5225B 1N5226B 1N5227B 1N5228B 1N5229B 1N5230B 1N5231B 1N5232B 1N5233B 1N5234B 1N5235B 1N5236B 1N5237B 1N5238B 1N5239B 1N5240B 1N5241B 1N5242B 1N5243B 1N5244B 1N5245B 1N5246B 1N5247B 1N5248B 1N5249B 1N5250B 1N5251B 1N5252B 1N5253B 1N5254B 1N5255B 1N5256B 1N5257B 1N5258B 1N5259B 1N5260B 1N5261B 1N5262B 1N5263B 1N5264B 1N5265B 1N5266B 1N5267B 2.4 2.5 2.7 2.8 3 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75 V Z @ IZT M i n. V 2.28 2.38 2.57 2.66 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.7 5.89 6.46 7.13 7.79 8.27 8.65 9.5 10.45 11.4 12.35 13.3 14.25 15.2 16.15 17.1 18.05 19 20.9 22.8 23.75 25.65 26.6 28.5 31.35 34.2 37.05 40.85 44.65 48.45 53.2 57 58.9 64.6 71.25 M a x. V 2.52 2.63 2.84 2.94 3.15 3.47 3.78 4.1 4.52 4.94 5.36 5.88 6.3 6.51 7.14 7.88 8.61 9.14 9.56 10.5 11.55 12.6 13.65 14.7 15.75 16.8 17.85 18.9 19.95 21 23.1 25.2 26.25 28.35 29.4 31.5 34.65 37.8 40.95 45.15 49.35 53.55 58.8 63 65.1 71.4 78.75
Max. Zener Impedance ZZT @ I ZT 30 30 30 30 29 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 150 125 150 170 185 230 270 mA 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9 8.5 7.8 7.4 7 6.6 6.2 5.6 5.2 5 4.6 4.5 4.2 3.8 3.4 3.2 3 2.7 2.5 2.2 2.1 2 1.8 1.7 ZZK @ I ZK 1200 1250 1300 1400 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 1300 1400 1400 1600 1700 mA 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Max R everse Leakage C urrent IR @ VR uA 100 100 75 75 50 25 15 10 5 5 5 5 5 5 3 3 3 3 3 3 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 V 1 1 1 1 1 1 1 1 1 2 2 3 3.5 4 5 6 6.5 6.5 7 8 8.4 9.1 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30 33 36 39 43 46 47 52 56
M a ki g rn c de o
1N5221B 1N5222B 1N5223B 1N5224B 1N5225B 1N5226B 1N5227B 1N5228B 1N5229B 1N5230B 1N5231B 1N5232B 1N5233B 1N5234B 1N5235B 1N5236B 1N5237B 1N5238B 1N5239B 1N5240B 1N5241B 1N5242B 1N5243B 1N5244B 1N5245B 1N5246B 1N5247B 1N5248B 1N5249B 1N5250B 1N5251B 1N5252B 1N5253B 1N5254B 1N5255B 1N5256B 1N5257B 1N5258B 1N5259B 1N5260B 1N5261B 1N5262B 1N5263B 1N5264B 1N5265B 1N5266B 1N5267B
STANDARD VOLTAGE TOLERANCE IS + 5% AND: SUFFIX "A" FOR + 3% SUFFIX "B" FOR + 5% SUFFIX "C" FOR + 10% SUFFIX "D" FOR + 20% * MEASURED WITH PULSES Tp=40 mSec. STAD-NOV.08.2006
ZENERDIODENUMBERINGSYSTEM: 1N5225B B 1* 2* 1* TYPE NO. 2* TOLERANCE OF VZ 3* e.g., 1N5225B=3.0V + 5% PAGE . 2
RATING AND CHARACTERISTIC CURVES
POWER DISSIPATION, mWatts
500 400 300 200 100
0
50
100
150
200
O
250
AMBIENT TEMPERATURE, C
FIG. 1 POWER DERATING CURVE
Vz (V)
5 10 15 20 25 30
Iz (mA)
50 40 30 20 10
Test Current Iz = 20mA
0
15
12 11
9.1
20
6.8 6.2 5.6 5.1 4.7 4.3
24
3.9
2.7
Fig.2 BREAKDOWN CHARACTERISTICS
STAD-NOV.08.2006
PAGE . 3


▲Up To Search▲   

 
Price & Availability of 1N5234B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X